Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 994 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 994 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 990Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 991Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 992Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 993Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 994Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 995Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 996Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 997Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 998Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
994
Freescale Semiconductor
24.0.5.4
Port B Data Direction Register (DDRB)
Read: Anytime.
Write: Anytime.
24.0.5.5
Port E Data Register (PORTE)
Read: Anytime.
Write: Anytime.
76543210
R
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
W
Reset
00000000
Figure 24-6. Port B Data Direction Register (DDRB)
Table 24-7. DDRB Field Descriptions
Field
Description
7–0
DDRB[7:0]
Data Direction Port B — This register controls the data direction for port B. DDRB determines whether each pin
is an input or output. A logic level “1” causes the associated port pin to be an output and a logic level “0” causes
the associated pin to be a high-impedance input.
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PORTB after changing the DDRB register.
76543210
R
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
W
Alt.
Func.
XCLKS
or
ECLKX2
MODB
MODA
ECLK
EROMCTL
IRQ
XIRQ
Reset
000000
—1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
—1
= Unimplemented or Reserved
Figure 24-7. Port E Data Register (PORTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com