Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 996 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 996 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 992Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 993Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 994Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 995Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 996Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 997Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 998Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
996
Freescale Semiconductor
24.0.5.7
S12X_EBI Ports, BKGD, VREGEN Pin Pull-up Control Register (PUCR)
Read: Anytime in single-chip modes.
Write: Anytime, except BKPUE which is writable in special test mode only.
This register is used to enable pull-up devices for the associated ports A, B E, and K. Pull-up devices are
assigned on a per-port basis and apply to any pin in the corresponding port currently configured as an
input.
76543210
R
PUPKE
BKPUE
0
PUPEE
PUPDE1
1. Register implemented, function disabled: Written values can be read back.
PUPCE1
PUPBE
PUPAE
W
Reset
11010000
= Unimplemented or Reserved
Figure 24-9. S12X_EBI Ports, BKGD, VREGEN Pin Pull-up Control Register (PUCR)
Table 24-10. PUCR Field Descriptions
Field
Description
7
PUPKE
Pull-up Port K Enable
0 Port K pull-up devices are disabled.
1 Enable pull-up devices for Port K input pins.
6
BKPUE
BKGD and VREGEN Pin Pull-up Enable
0 BKGD and VREGEN pull-up devices are disabled.
1 Enable pull-up devices on BKGD and VREGEN pins.
4
PUPEE
Pull-up Port E Enable
0 Port E pull-up devices on bit 7, 4–0 are disabled.
1 Enable pull-up devices for Port E input pins bits 7, 4–0.
Note: Bits 5 and 6 of Port E have pull-down devices which are only enabled during reset. This bit has no effect
on these pins.
1
PUPBE
Pull-up Port B Enable
0 Port B pull-up devices are disabled.
1 Enable pull-up devices for all Port B input pins.
0
PUPAE
Pull-up Port A Enable
0 Port A pull-up devices are disabled.
1 Enable pull-up devices for all Port A input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com