Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1046 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1046 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1042Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1043Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1044Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1045Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1046Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1049Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1046 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1046
Freescale Semiconductor
25.3.2.5
EEPROM Protection Register (EPROT)
The EPROT register defines which EEPROM sectors are protected against program or erase operations.
During the reset sequence, the EPROT register is loaded from the EEPROM Protection byte at address
offset 0x0FFD (see Table 25-1).All bits in the EPROT register are readable and writable except for
RNV[6:4] which are only readable. The EPOPEN and EPDIS bits can only be written to the protected
state. The EPS bits can be written anytime until bit EPDIS is cleared. If the EPOPEN bit is cleared, the
state of the EPDIS and EPS bits is irrelevant.
To change the EEPROM protection that will be loaded during the reset sequence, the EEPROM memory
must be unprotected, then the EEPROM Protection byte must be reprogrammed. Trying to alter data in any
protected area in the EEPROM memory will result in a protection violation error and the PVIOL flag will
be set in the ESTAT register. The mass erase of an EEPROM block is possible only when protection is
fully disabled by setting the EPOPEN and EPDIS bits.
76543210
R
EPOPEN
RNV6
RNV5
RNV4
EPDIS
EPS2
EPS1
EPS0
W
Reset
F
F
F
FFFFF
= Unimplemented or Reserved
Figure 25-8. EEPROM Protection Register (EPROT)
Table 25-4. EPROT Field Descriptions
Field
Description
7
EPOPEN
Opens the EEPROM for Program or Erase
0 The entire EEPROM memory is protected from program and erase.
1 The EEPROM sectors not protected are enabled for program or erase.
6:4
RNV[6:4]
Reserved Nonvolatile Bits — The RNV[6:4] bits should remain in the erased state “1” for future enhancements.
3
EPDIS
EEPROM Protection Address Range Disable — The EPDIS bit determines whether there is a protected area
in a specific region of the EEPROM memory ending with address offset 0x0FFF.
0 Protection enabled.
1 Protection disabled.
2:0
EPS[2:0]
EEPROM Protection Address Size — The EPS[2:0] bits determine the size of the protected area as shown
inTable 25-5. The EPS bits can only be written to while the EPDIS bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com