Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1048 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1048 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1044Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1045Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1046Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1049Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1051Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1052Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1048 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1048
Freescale Semiconductor
Table 25-6. ESTAT Field Descriptions
Field
Description
7
CBEIF
Command Buffer Empty Interrupt Flag — The CBEIF flag indicates that the address, data, and command
buffers are empty so that a new command write sequence can be started. The CBEIF flag is cleared by writing
a 1 to CBEIF. Writing a 0 to the CBEIF flag has no effect on CBEIF. Writing a 0 to CBEIF after writing an aligned
word to the EEPROM address space but before CBEIF is cleared will abort a command write sequence and
cause the ACCERR flag to be set. Writing a 0 to CBEIF outside of a command write sequence will not set the
ACCERR flag. The CBEIF flag is used together with the CBEIE bit in the ECNFG register to generate an interrupt
request (see Figure 25-24).
0 Buffers are full.
1 Buffers are ready to accept a new command.
6
CCIF
Command Complete Interrupt Flag — The CCIF flag indicates that there are no more commands pending. The
CCIF flag is cleared when CBEIF is clear and sets automatically upon completion of all active and pending
commands. The CCIF flag does not set when an active commands completes and a pending command is
fetched from the command buffer. Writing to the CCIF flag has no effect on CCIF. The CCIF flag is used together
with the CCIE bit in the ECNFG register to generate an interrupt request (see Figure 25-24).
0 Command in progress.
1 All commands are completed.
5
PVIOL
Protection Violation Flag — The PVIOL flag indicates an attempt was made to program or erase an address
in a protected area of the EEPROM memory during a command write sequence. The PVIOL flag is cleared by
writing a 1 to PVIOL. Writing a 0 to the PVIOL flag has no effect on PVIOL. While PVIOL is set, it is not possible
to launch a command or start a command write sequence.
0 No failure.
1 A protection violation has occurred.
4
ACCERR
Access Error Flag — The ACCERR flag indicates an illegal access has occurred to the EEPROM memory
caused by either a violation of the command write sequence (see Section 25.4.1.2, “Command Write
Sequence”), issuing an illegal EEPROM command (see Table 25-8), launching the sector erase abort command
terminating a sector erase operation early (see Section 25.4.2.5, “Sector Erase Abort Command”) or the
execution of a CPU STOP instruction while a command is executing (CCIF = 0). The ACCERR flag is cleared by
writing a 1 to ACCERR. Writing a 0 to the ACCERR flag has no effect on ACCERR. While ACCERR is set, it is
not possible to launch a command or start a command write sequence. If ACCERR is set by an erase verify
operation, any buffered command will not launch.
0 No access error detected.
1 Access error has occurred.
2
BLANK
Flag Indicating the Erase Verify Operation Status — When the CCIF flag is set after completion of an erase
verify command, the BLANK flag indicates the result of the erase verify operation. The BLANK flag is cleared by
the EEPROM module when CBEIF is cleared as part of a new valid command write sequence. Writing to the
BLANK flag has no effect on BLANK.
0 EEPROM block verified as not erased.
1 EEPROM block verified as erased.
1
FAIL
Flag Indicating a Failed EEPROM Operation — The FAIL flag will set if the erase verify operation fails
(EEPROM block verified as not erased). The FAIL flag is cleared by writing a 1 to FAIL. Writing a 0 to the FAIL
flag has no effect on FAIL.
0 EEPROM operation completed without error.
1 EEPROM operation failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com