Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1079 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1079 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1075Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1076Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1077Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1078Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1079Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1080Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1082Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1079 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1079
All bits in the ECLKDIV register are readable, bits 6–0 are write once and bit 7 is not writable.
26.3.2.2
RESERVED1
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
26.3.2.3
RESERVED2
This register is reserved for factory testing and is not accessible.
76543210
R
EDIVLD
PRDIV8
EDIV5
EDIV4
EDIV3
EDIV2
EDIV1
EDIV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-4. EEPROM Clock Divider Register (ECLKDIV)
Table 26-3. ECLKDIV Field Descriptions
Field
Description
7
EDIVLD
Clock Divider Loaded
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescalar by 8
0 The oscillator clock is directly fed into the ECLKDIV divider.
1 Enables a Prescalar by 8, to divide the oscillator clock before feeding into the clock divider.
5–0
EDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and EDIV[5:0] effectively divides the EEPROM module input
oscillator clock down to a frequency of 150 kHz – 200 kHz. The maximum divide ratio is 512. Please refer to
Section 26.4.1.1, “Writing the ECLKDIV Register” for more information.
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-5. RESERVED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com