Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1082 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1082 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1078Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1079Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1080Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1082Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1084Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1085Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1082 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1082
Freescale Semiconductor
26.3.2.6
EEPROM Status Register (ESTAT)
The ESTAT register defines the operational status of the module.
CBEIF, PVIOL, and ACCERR are readable and writable, CCIF and BLANK are readable and not writable,
remaining bits read 0 and are not writable in normal mode. FAIL is readable and writable in special mode.
Table 26-6. EEPROM Protection Address Range
EPS[2:0]
Address Offset Range
Protected Size
000
0x0FC0 – 0x0FFF
64 bytes
001
0x0F80 – 0x0FFF
128 bytes
010
0x0F40 – 0x0FFF
192 bytes
011
0x0F00 – 0x0FFF
256 bytes
100
0x0EC0 – 0x0FFF
320 bytes
101
0x0E80 – 0x0FFF
384 bytes
110
0x0E40 – 0x0FFF
448 bytes
111
0x0E00 – 0x0FFF
512 bytes
76543210
R
CBEIF
CCIF
PVIOL
ACCERR
0
BLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 26-9. EEPROM Status Register (ESTAT — Normal Mode)
76543210
R
CBEIF
CCIF
PVIOL
ACCERR
0
BLANK
FAIL
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 26-10. EEPROM Status Register (ESTAT — Special Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com