Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1134 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1134 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1130Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1131Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1132Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1133Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1134Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1135Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1136Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1137Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1134
Freescale Semiconductor
Figure 27-26. Example Data Compress Command Flow
Write: Flash Address to start
Write: FCMD register
Data Compress Command 0x06
Write: FSTAT register
Clear CBEIF 0x80
1.
2.
3.
Clear ACCERR/PVIOL 0x30
Write: FSTAT register
yes
no
Access Error and
Protection Violation
no
compression and number of word
Bit Polling for
Command Completion
Check
Read: FSTAT register
yes
Read: FSTAT register
no
START
yes
Check
CBEIF
Set?
Next
no
yes
Address, Data,
Command
Buffer Empty Check
Flash
Block?
CCIF
Set?
ACCERR/
PVIOL
Set?
EXIT
Erase and Reprogram
by 128K
Decrement Global Address
Write: FCLKDIV register
Read: FCLKDIV register
yes
no
Clock Register
Written
Check
FDIVLD
Set?
NOTE: FCLKDIV needs to
be set once after each reset.
Simultaneous
Multiple Flash Block
Decision
Flash Sector(s) Compressed
Data Compress Signature
Read: FDATA registers
no
yes
Signature
Valid?
addresses to compress
NOTE: address used to select
Flash block; data ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com