Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1136 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1136 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1132Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1133Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1134Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1135Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1136Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1137Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1138Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1139Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1136 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1136
Freescale Semiconductor
27.4.2.3
Program Command
The program operation will program a previously erased word in the Flash memory using an embedded
algorithm.
An example flow to execute the program operation is shown in Figure 27-28. The program command write
sequence is as follows:
1. Write to a Flash block address to start the command write sequence for the program command. The
data written will be programmed to the address written. Multiple Flash blocks can be
simultaneously programmed by writing to the same relative address in each Flash block.
2. Write the program command, 0x20, to the FCMD register.
3. Clear the CBEIF flag in the FSTAT register by writing a 1 to CBEIF to launch the program
command.
If a word to be programmed is in a protected area of the Flash block, the PVIOL flag in the FSTAT register
will set and the program command will not launch. Once the program command has successfully launched,
the CCIF flag in the FSTAT register will set after the program operation has completed unless a new
command write sequence has been buffered. By executing a new program command write sequence on
sequential words after the CBEIF flag in the FSTAT register has been set, up to 55% faster programming
time per word can be effectively achieved than by waiting for the CCIF flag to set after each program
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com