Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1209 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1209 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1205Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1206Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1207Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1208Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1209Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1210Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1211Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1212Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1209 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1209
29.4.1.1
Writing the FCLKDIV Register
Prior to issuing any Flash command after a reset, the user is required to write the FCLKDIV register to
divide the oscillator clock down to within the 150 kHz to 200 kHz range. Since the program and erase
timings are also a function of the bus clock, the FCLKDIV determination must take this information into
account.
If we define:
•
FCLK as the clock of the Flash timing control block
•
Tbus as the period of the bus clock
•
INT(x) as taking the integer part of x (e.g. INT(4.323) = 4)
then FCLKDIV register bits PRDIV8 and FDIV[5:0] are to be set as described in Figure 29-22.
For example, if the oscillator clock frequency is 950kHz and the bus clock frequency is 10MHz,
FCLKDIV bits FDIV[5:0] should be set to 0x04 (000100) and bit PRDIV8 set to 0. The resulting FCLK
frequency is then 190kHz. As a result, the Flash program and erase algorithm timings are increased over
the optimum target by:
If the oscillator clock frequency is 16MHz and the bus clock frequency is 40MHz, FCLKDIV bits
FDIV[5:0] should be set to 0x0A (001010) and bit PRDIV8 set to 1. The resulting FCLK frequency is then
182kHz. In this case, the Flash program and erase algorithm timings are increased over the optimum target
by:
CAUTION
Program and erase command execution time will increase proportionally
with the period of FCLK. Because of the impact of clock synchronization
on the accuracy of the functional timings, programming or erasing the Flash
memory cannot be performed if the bus clock runs at less than 1 MHz.
Programming or erasing the Flash memory with FCLK < 150 kHz should
be avoided. Setting FCLKDIV to a value such that FCLK < 150 kHz can
destroy the Flash memory due to overstress. Setting FCLKDIV to a value
such that (1/FCLK+Tbus) < 5
µs can result in incomplete programming or
erasure of the Flash memory cells.
If the FCLKDIV register is written, the FDIVLD bit is set automatically. If the FDIVLD bit is 0, the
FCLKDIV register has not been written since the last reset. If the FCLKDIV register has not been written
to, the Flash command loaded during a command write sequence will not execute and the ACCERR flag
in the FSTAT register will set.
200 190
–
() 200
⁄
100
×
5%
=
200 182
–
() 200
⁄
100
×
9%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com