Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1210 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1210 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1206Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1207Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1208Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1209Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1210Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1211Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1212Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1213Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1210
Freescale Semiconductor
Figure 29-22. Determination Procedure for PRDIV8 and FDIV Bits
PRDIV8=1
yes
no
PRDIV8=0 (reset)
12.8MHz?
FCLK=(PRDCLK)/(1+FDIV[5:0])
PRDCLK=oscillator_clock
PRDCLK=oscillator_clock/8
PRDCLK[MHz]*(5+Tbus[
µs])
no
FDIV[5:0]=PRDCLK[MHz]*(5+Tbus[
µs])-1
yes
START
Tbus < 1
µs?
an integer?
FDIV[5:0]=INT(PRDCLK[MHz]*(5+Tbus[
µs]))
1/FCLK[MHz] + Tbus[
µs] > 5
AND
FCLK > 0.15MHz
?
END
yes
no
FDIV[5:0] > 4?
ALL COMMANDS IMPOSSIBLE
yes
no
ALL COMMANDS IMPOSSIBLE
no
TRY TO DECREASE Tbus
yes
oscillator_clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com