Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1242 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1242 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1242 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1242
Freescale Semiconductor
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
Table A-2. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series resistance
R1
1500
Ohm
Storage capacitance
C
100
pF
Number of pulse per pin
Positive
Negative
—
—
3
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table A-3. ESD and Latch-Up Protection Characteristics
Num
C
Rating
Symbol
Min
Max
Unit
1
C
Human Body Model (HBM)
VHBM
2000
—
V
2
C
Charge Device Model (CDM)
VCDM
500
—
V
3
C
Latch-up current at TA = 125°C
Positive
Negative
ILAT
+100
–100
—
—
mA
4
C
Latch-up current at TA = 27°C
Positive
Negative
ILAT
+200
–200
—
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com