Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1245 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1245 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1245 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1245
Table A-5. Thermal Package Characteristics1
1 The values for thermal resistance are achieved by package simulations
Num
C
Rating
Symbol
Min
Typ
Max
Unit
LQFP144
1
T
Thermal resistance LQFP144, single sided PCB2
θJA
——
41
°C/W
2
T
Thermal resistance LQFP144, double sided PCB
with 2 internal planes3
θJA
——
32
°C/W
3
Junction to Board LQFP 144
θJB
——
22
°C/W
4
Junction to Case LQFP 1444
θJC
—
—
7/4
°C/W
5
Junction to Package Top LQFP1445
ΨJT
——
3
°C/W
LQFP112
6
T
Thermal resistance LQFP112, single sided PCB2
2 Junction to ambient thermal resistance, θJA was simulated to be equivalent to the JEDEC specification JESD51-2 in a
horizontal configuration in natural convection.
θJA
——
433/494
3 Maskset L15Y / M84E in LQFP112 or QFP80
4 Maskset M42E in LQFP112 or QFP80
°C/W
7
T
Thermal resistance LQFP112, double sided PCB
with 2 internal planes5
5 Junction to ambient thermal resistance, θJA was simulated to be equivalent to the JEDEC specification JESD51-7 in a
horizontal configuration in natural convection.
θJA
——
323/394
°C/W
8
Junction to Board LQFP112
θJB
——
223/274
°C/W
9
Junction to Case LQFP1124
θJC
——
73/114
°C/W
10
Junction to Package Top LQFP1125
ΨJT
—
—
3/2
°C/W
QFP80
11
T
Thermal resistance QFP 80, single sided PCB2
θJA
——
453/494
°C/W
12
T
Thermal resistance QFP 80, double sided PCB
with 2 internal planes3
θJA
——
333/364
°C/W
13
T
Junction to Board QFP 80
θJB
——
193/204
°C/W
14
T
Junction to Case QFP 806
6 Junction to case thermal resistance was simulated to be equivalent to the measured values using the cold plate technique with
the cold plate temperature used as the “case” temperature. This basic cold plate measurement technique is described by
MIL-STD 883D, Method 1012.1. This is the correct thermal metric to use to calculate thermal performance when the package
is being used with a heat sink.
θJC
——
113/144
°C/W
15
T
Junction to Package Top QFP 807
7 Thermal characterization parameter ΨJT is the “resistance” from junction to reference point thermocouple on top center of the
case as defined in JESD51-2.
ΨJT is a useful value to use to estimate junction temperature in a steady state customer
enviroment.
ΨJT
——
3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com