Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1249 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1249 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1249 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1249
A.1.10
Supply Currents
This section describes the current consumption characteristics of the device as well as the conditions for
the measurements.
A.1.10.1
Measurement Conditions
All measurements are without output loads. Unless otherwise noted the currents are measured in single
chip mode and the CPU and XGATE code is executed from RAM, VDD35=5.5V, internal voltage regulator
is enabled and the bus frequency is 40MHz using a 4-MHz external clock source (PE7=XCLKS=0).
Production testing is performed using a square wave signal at the EXTAL input.
Table A-8. I/O Characteristics for Port C, D, PE5, PE6, and PK7
for Reduced Input Voltage Thresholds
Conditions are 4.5 V < VDD35 < 5.5 V Temperature from –40°C to +140°C, unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input high voltage
VIH
1.75
—
—
V
2
P Input low voltage
VIL
—
—
0.75
V
3
C Input hysteresis
VHYS
—
100
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com