Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1267 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1267 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1264Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1265Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1267 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1267
A.5
Reset, Oscillator, and PLL
This section summarizes the electrical characteristics of the various startup scenarios for oscillator and
phase-locked loop (PLL).
A.5.1
Startup
Table A-21 summarizes several startup characteristics explained in this section. Detailed description of the
startup behavior can be found in the Clock and Reset Generator (CRG) Block Guide.
A.5.1.1
POR
The release level VPORR and the assert level VPORA are derived from the VDD supply. They are also valid
if the device is powered externally. After releasing the POR reset the oscillator and the clock quality check
are started. If after a time tCQOUT no valid oscillation is detected, the MCU will start using the internal self
clock. The fastest startup time possible is given by nuposc.
A.5.1.2
SRAM Data Retention
Provided an appropriate external reset signal is applied to the MCU, preventing the CPU from executing
code when VDD35 is out of specification limits, the SRAM contents integrity is guaranteed if after the reset
the PORF bit in the CRG flags register has not been set.
A.5.1.3
External Reset
When external reset is asserted for a time greater than PWRSTL the CRG module generates an internal
reset, and the CPU starts fetching the reset vector without doing a clock quality check, if there was an
oscillation before reset.
A.5.1.4
Stop Recovery
Out of stop the controller can be woken up by an external interrupt. A clock quality check as after POR is
performed before releasing the clocks to the system.
Table A-21. Startup Characteristics
Conditions are shown in Table A-4unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
D Reset input pulse width, minimum input time
PWRSTL
2—
—
tosc
2
D Startup from reset
nRST
192
—
196
nosc
3
D Interrupt pulse width, IRQ edge-sensitive mode
PWIRQ
251
1 1 t
cycle at 40Mhz Bus Clock
——
ns
4
D Wait recovery startup time
tWRS
—
—
14
tcyc
5
D Fast wakeup from STOP2
2 V
DD1/VDD2 filter capacitors 220 nF, VDD35 = 5 V, T= 25°C
tfws
—50—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com