Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1270 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1270 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1270 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1270
Freescale Semiconductor
A.5.3
Phase Locked Loop
The oscillator provides the reference clock for the PLL. The PLL´s voltage controlled oscillator (VCO) is
also the system clock source in self clock mode.
A.5.3.1
XFC Component Selection
This section describes the selection of the XFC components to achieve a good filter characteristics.
Figure A-3. Basic PLL Functional Diagram
The following procedure can be used to calculate the resistance and capacitance values using typical values
for K1, f1 and ich from Table A-23.
The grey boxes show the calculation for fVCO = 80 MHz and fref = 4 MHz. For example, these frequencies
are used for fOSC = 4-MHz and a 40-MHz bus clock.
The VCO gain at the desired VCO frequency is approximated by:
The phase detector relationship is given by:
ich is the current in tracking mode.
The loop bandwidth fC should be chosen to fulfill the Gardner’s stability criteria by at least a factor of 10,
typical values are 50.
ζ = 0.9 ensures a good transient response.
fosc
fref
Phase
Detector
VCO
KV
1
synr+1
fvco
Loop Divider
KF
1
2
D
fcmp
Cs
R
Cp
VDDPLL
XFC Pin
1
refdv+1
K
V
K
1
e
f
1
f
vco
–
()
K
1
1V
⋅
----------------------------
⋅
=
195MHz V
⁄
–
e
126 80
–
195
–
--------------------
⋅
=
= -154.0MHz/V
KΦ
i
ch
–
K
V
⋅
3.5µA
–
154MHz
–
V
⁄
()
⋅
539.1Hz Ω
⁄
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com