Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1273 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1273 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1273 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1273
A.6
MSCAN
Table A-23. PLL Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P Self clock mode frequency
fSCM
1
—
5.5
MHz
2
D VCO locking range
fVCO
8
—
80
MHz
3
D Lock detector transition from acquisition to tracking mode
|∆trk|3
—
4
%1
1 % deviation from target frequency
4
D Lock detection
|∆Lock|
0
—
1.5
%1
5
D Unlock detection
|∆unl|
0.5
—
2.5
%1
6
D Lock detector transition from tracking to acquisition mode
|∆unt|6
—
8
%1
7
C PLLON total stabilization delay (auto mode)2
2 f
osc = 4 MHz, fBUS = 40 MHz equivalent fVCO = 80 MHz: REFDV = #$00, SYNR = #$09, CS = 4.7 nF, CP = 470 pF, RS = 4.7 kΩ
tstab
—
0.24
—
ms
8
D PLLON acquisition mode stabilization delay2
tacq
—
0.09
—
ms
9
D PLLON tracking mode stabilization delay2
tal
—
0.16
—
ms
10
D Fitting parameter VCO loop gain
K1
—
–195
—
MHz/V
11
D Fitting parameter VCO loop frequency
f1
—
126
—
MHz
12
D Charge pump current acquisition mode
| ich |
—
38.5
—
µA
13
D Charge pump current tracking mode
| ich |
—
3.5
—
µA
14
C Jitter fit parameter 12
j1
—
0.9
1.3
%
15
C Jitter fit parameter 22
j2
—
0.02
0.12
%
Table A-24. MSCAN Wake-up Pulse Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
P MSCAN wakeup dominant pulse filtered
tWUP
——
2
µs
2
P MSCAN wakeup dominant pulse pass
tWUP
5—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com