Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 705 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 705 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
705
19.3.1.7
Debug State Control Registers
Each of the state sequencer states 1 to 3 features a dedicated control register to determine if transitions
from that state are allowed depending upon comparator matches or tag hits and to define the next state for
the state sequencer following a match. The 3 debug state control registers are located at the same address
in the register address map (0x0027). Each register can be accessed using the COMRV bits in DBGC1 to
blend in the required register (see Table 19-19).
19.3.1.8
Debug State Control Register 1 (DBGSCR1)
Read: Anytime
Write: Anytime when DBG not armed.
This register is visible at 0x0027 only with COMRV[1:0] = 00. The state control register 1 selects the
targeted next state while in State1. The matches refer to the match channels of the comparator match
control logic as depicted in Figure 19-1 and described in Section 19.3.1.11.1, “Debug Comparator Control
Register (DBGXCTL)”. Comparators must be enabled by setting the comparator enable bit in the
associated DBGXCTL control register.
Table 19-19. State Control Register Access Encoding
COMRV
Visible State Control Register
00
DBGSCR1
01
DBGSCR2
10
DBGSCR3
11
DBGSCR3
0x0027
76543210
R
0000
SC3
SC2
SC1
SC0
W
Reset
00000000
Unimplemented or Reserved
Figure 19-10. Debug State Control Register 1 (DBGSCR1)
Table 19-20. DBGSCR1 Field Descriptions
Field
Description
3–0
SC[3:0}
State Control Bits — These bits select the targeted next state while in State1, based upon the match event.
See Table 19-21.
The trigger priorities described in Table 19-38 dictate that in the case of simultaneous matches, the match on
the lower channel number ([0,1,2,3) has priority. The SC[3:0] encoding ensures that a match leading to final
state has priority over all other matches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com