Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 706 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 706 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
706
Freescale Semiconductor
19.3.1.9
Debug State Control Register 2 (DBGSCR2)
Read: Anytime
Write: Anytime when DBG not armed.
This register is visible at 0x0027 only with COMRV[1:0] = 01. The state control register 2 selects the
targeted next state while in State2. The matches refer to the match channels of the comparator match
control logic as depicted in Figure 19-1 and described in Section 19.3.1.11.1, “Debug Comparator Control
Register (DBGXCTL)”. Comparators must be enabled by setting the comparator enable bit in the
associated DBGXCTL control register.
Table 19-21. State1 Sequencer Next Sate Selection
SC[3:0]
Description
0000
Any match triggers to state2
0001
Any match triggers to state3
0010
Any match triggers to final state
0011
Match2 triggers to State2....... Other matches have no effect
0100
Match2 triggers to State3....... Other matches have no effect
0101
Match2 triggers to final state....... Other matches have no effect
0110
Match0 triggers to State2....... Match1 triggers to State3....... Other matches have no effect
0111
Match1 triggers to State3....... Match0 triggers final state....... Other matches have no effect
1000
Match0 triggers to State2....... Match2 triggers to State3....... Other matches have no effect
1001
Match2 triggers to State3....... Match0 triggers final state....... Other matches have no effect
1010
Match1 triggers to State2....... Match3 triggers to State3....... Other matches have no effect
1011
Match3 triggers to State3....... Match1 triggers to final state....... Other matches have no effect
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
0x0027
76543210
R
0000
SC3
SC2
SC1
SC0
W
Reset
00000000
Unimplemented or Reserved
Figure 19-11. Debug State Control Register 2 (DBGSCR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com