Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 794 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 794 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 790Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 791Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 792Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 793Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 794Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 795Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 796Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 797Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 798Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 794 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
794
Freescale Semiconductor
21.4
Functional Description
This section describes the functions of the external bus interface. The availability of external signals and
functions in relation to the operating mode is initially summarized and described in more detail in separate
sub-sections.
21.4.1
Operating Modes and External Bus Properties
A summary of the external bus interface functions for each operating mode is shown in Table 21-7.
Table 21-7. Summary of Functions
Properties
(if Enabled)
Single-Chip Modes
Expanded Modes
Normal
Single-Chip
Special
Single-Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test
Timing Properties
PRR access1
1 Incl. S12X_EBI registers
2 cycles
read internal
write internal
2 cycles
read internal
write internal
2 cycles
read internal
write internal
2 cycles
read external
write int & ext
2 cycles
read external
write int & ext
2 cycles
read internal
write internal
Internal access
visible externally
——
—
1 cycle
1 cycle
1 cycle
External
address access
and
unimplemented area
access2
2 Refer to S12X_MMC section.
—
—
Max. of 2 to 9
programmed
cycles
or n cycles of
ext. wait3
3 If EWAITE = 1, the minimum number of external bus cycles is 3.
1 cycle
Max. of 2 to 9
programmed
cycles
or n cycles of
ext. wait3
1 cycle
Flash area
address access4
4 Available only if configured appropriately by ROMON and EROMON (refer to S12X_MMC section).
—
—
—
1 cycle
1 cycle
1 cycle
Signal Properties
Bus signals
—
—
ADDR[22:1]
DATA[15:0]
ADDR[22:20]/A
CC[2:0]
ADDR[19:16]/
IQSTAT[3:0]
ADDR[15:0]/
IVD[15:0]
DATA[15:0]
ADDR[22:20]/A
CC[2:0]
ADDR[19:16]/
IQSTAT[3:0]
ADDR[15:0]/
IVD[15:0]
DATA[15:0]
ADDR[22:0]
DATA[15:0]
Data select signals
(if 16-bit data bus)
——
UDS
LDS
ADDR0
LSTRB
ADDR0
LSTRB
ADDR0
LSTRB
Data direction signals
—
—
RE
WE
R/WR/WR/W
External wait
feature
——
EWAIT
—
EWAIT
—
Reduced input
threshold enabled on
—
—
Refer to
Table 21-3
DATA[15:0]
EWAIT
DATA[15:0]
EWAIT
Refer to
Table 21-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com