Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 795 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 795 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 791Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 792Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 793Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 794Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 795Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 796Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 797Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 798Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 799Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
795
21.4.2
Internal Visibility
Internal visibility allows the observation of the internal MCU address and data bus as well as the
determination of the access source and the CPU pipe (queue) status through the external bus interface.
Internal visibility is always enabled in emulation single chip mode and emulation expanded mode. Internal
CPU and BDM accesses are made visible on the external bus interface, except those to BDM firmware and
BDM registers.
Internal reads are made visible on ADDRx/IVDx (address and read data multiplexed, see Table 21-9 to
Table 21-11), internal writes on ADDRx and DATAx (see Table 21-12 to Table 21-14). R/W and LSTRB
show the type of access. External read data are also visible on IVDx.
21.4.2.1
Access Source and Instruction Queue Status Signals
The access source (bus master) can be determined from the external bus control signals ACC[2:0] as
shown in Table 21-8.
The CPU instruction queue status (execution-start and data-movement information) is brought out as
IQSTAT[3:0] signals. For decoding of the IQSTAT values, refer to the S12X_CPU section.
21.4.2.2
Emulation Modes Timing
A bus access lasts 1 ECLK cycle. In case of a stretched external access (emulation expanded mode), up to
an infinite amount of ECLK cycles may be added. ADDRx values will only be shown in ECLK high
phases, while ACCx, IQSTATx, and IVDx values will only be presented in ECLK low phases.
Based on this multiplex timing, ACCx are only shown in the current (first) access cycle. IQSTATx and
(for read accesses) IVDx follow in the next cycle. If the access takes more than one bus cycle, ACCx
display NULL (0x000) in the second and all following cycles of the access. IQSTATx display NULL
(0x0000) from the third until one cycle after the access to indicate continuation.
The resulting timing pattern of the external bus signals is outlined in the following tables for read, write
and interleaved read/write accesses. Three examples represent different access lengths of 1, 2, and n–1 bus
cycles. Non-shaded bold entries denote all values related to Access #0.
Table 21-8. Determining Access Source from Control Signals
ACC[2:0]
Access Description
000
Repetition of previous access cycle
001
CPU access
010
BDM access
011
XGATE PRR access1
1 Invalid IVD brought out in read cycles
100
No access2
2 Denotes also accesses to BDM firmware and BDM registers (IQSTATx are
‘XXXX’ and R/W = 1 in these cases)
101, 110, 111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com