Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 817 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 817 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 813Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 814Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 815Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 817Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 818Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 819Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 820Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 821Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
817
22.3
Memory Map and Register Definition
This section provides a detailed description of all PIM registers.
22.3.1
Module Memory Map
Table 22-2 shows the register map of the port integration module.
Table 22-2. PIM Memory Map (Sheet 1 of 3)
Address
Use
Access
0x0000
Port A Data Register (PORTA)
Read / Write
0x0001
Port B Data Register (PORTB)
Read / Write
0x0002
Port A Data Direction Register (DDRA)
Read / Write
0x0003
Port B Data Direction Register (DDRB)
Read / Write
0x0004
Port C Data Register (PORTC)
Read / Write
0x0005
Port D Data Register (PORTD)
Read / Write
0x0006
Port C Data Direction Register (DDRC)
Read / Write
0x0007
Port D Data Direction Register (DDRD)
Read / Write
0x0008
Port E Data Register (PORTE)
Read / Write1
0x0009
Port E Data Direction Register (DDRE)
Read / Write1
0x000A
:
0x000B
Non-PIM Address Range
—
0x000C
Pull-up Up Control Register (PUCR)
Read / Write1
0x000D
Reduced Drive Register (RDRIV)
Read / Write1
0x000E
:
0x001B
Non-PIM Address Range
—
0x001C
ECLK Control Register (ECLKCTL)
Read / Write1
0x001D
PIM Reserved
—
0x001E
IRQ Control Register (IRQCR)
Read / Write1
0x001F
PIM Reserved
—
0x0020
:
0x0031
Non-PIM Address Range
—
0x0032
Port K Data Register (PORTK)
Read / Write
0x0033
Port K Data Direction Register (DDRK)
Read / Write
0x0034
:
0x023F
Non-PIM Address Range
—
0x0240
Port T Data Register (PTT)
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com