Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 820 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 820 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 817Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 818Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 819Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 820Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 821Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 822Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 823Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 824Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
820
Freescale Semiconductor
22.3.2
Register Descriptions
Table 22-3 summarizes the effect on the various configuration bits, data direction (DDR), output level
(IO), reduced drive (RDR), pull enable (PE), pull select (PS), and interrupt enable (IE) for the ports.
The configuration bit PS is used for two purposes:
1. Configure the sensitive interrupt edge (rising or falling), if interrupt is enabled.
2. Select either a pull-up or pull-down device if PE is active.
NOTE
All register bits in this module are completely synchronous to internal
clocks during a register read.
Table 22-3. Pin Configuration Summary
DDR
IO
RDR
PE
PS1
1 Always “0” on Port A, B, C, D, E, K, AD0, and AD1.
IE2
2 Applicable only on Port P, H, and J.
Function
Pull Device
Interrupt
0
x
x
0
x
0
Input
Disabled
Disabled
0
x
x
1
0
0
Input
Pull Up
Disabled
0
x
x
1
1
0
Input
Pull Down
Disabled
0
x
x
0
0
1
Input
Disabled
Falling edge
0
x
x
0
1
1
Input
Disabled
Rising edge
0
x
x
1
0
1
Input
Pull Up
Falling edge
0
x
x
1
1
1
Input
Pull Down
Rising edge
1
0
0
x
x
0
Output, full drive to 0
Disabled
Disabled
1
1
0
x
x
0
Output, full drive to 1
Disabled
Disabled
1
0
1
x
x
0
Output, reduced drive to 0
Disabled
Disabled
1
1
1
x
x
0
Output, reduced drive to 1
Disabled
Disabled
1
0
0
x
0
1
Output, full drive to 0
Disabled
Falling edge
1
1
0
x
1
1
Output, full drive to 1
Disabled
Rising edge
1
0
1
x
0
1
Output, reduced drive to 0
Disabled
Falling edge
1
1
1
x
1
1
Output, reduced drive to 1
Disabled
Rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com