Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 827 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 827 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 823Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 824Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 825Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 826Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 827Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 828Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 829Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 830Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 831Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
827
22.3.2.1
Port A Data Register (PORTA)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
22.3.2.2
Port B Data Register (PORTB)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
76543210
R
PA7PA6
PA5PA4
PA3PA2
PA1PA0
W
Alt.
Function
ADDR15
mux
IVD15
ADDR14
mux
IVD14
ADDR13
mux
IVD13
ADDR12
mux
IVD12
ADDR11
mux
IVD11
ADDR10
mux
IVD10
ADDR9
mux
IVD9
ADDR8
mux
IVD8
Reset
00000000
Figure 22-3. Port A Data Register (PORTA)
Table 22-4. PORTA Field Descriptions
Field
Description
7–0
PA[7:0]
Port A — Port A pins 7–0 are associated with address outputs ADDR15 through ADDR8 respectively in
expanded modes. When this port is not used for external addresses, these pins can be used as general purpose
I/O. If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
Alt.
Function
ADDR7
mux
IVD7
ADDR6
mux
IVD6
ADDR5
mux
IVD5
ADDR4
mux
IVD4
ADDR3
mux
IVD3
ADDR2
mux
IVD2
ADDR1
mux
IVD1
ADDR0
mux
IVD0
or
UDS
Reset
00000000
Figure 22-4. Port B Data Register (PORTB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com