Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 831 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 831 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 827Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 828Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 829Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 830Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 831Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 832Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 833Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 834Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 835Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
831
22.3.2.7
Port C Data Direction Register (DDRC)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
22.3.2.8
Port D Data Direction Register (DDRD)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
76543210
R
DDRC7
DDRC6
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
W
Reset
00000000
Figure 22-9. Port C Data Direction Register (DDRC)
Table 22-10. DDRC Field Descriptions
Field
Description
7–0
DDRC[7:0]
Data Direction Port C — This register controls the data direction for port C. When Port C is operating as a general
purpose I/O port, DDRC determines whether each pin is an input or output. A logic level “1” causes the
associated port pin to be an output and a logic level “0” causes the associated pin to be a high-impedance input.
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PORTC after changing the DDRC register.
76543210
R
DDRD7
DDRD6
DDRD5
DDRD4
DDRD3
DDRD2
DDRD1
DDRD0
W
Reset
00000000
Figure 22-10. Port D Data Direction Register (DDRD)
Table 22-11. DDRD Field Descriptions
Field
Description
7–0
DDRD[7:0]
Data Direction Port D — This register controls the data direction for port D. When Port D is operating as a general
purpose I/O port, DDRD determines whether each pin is an input or output. A logic level “1” causes the
associated port pin to be an output and a logic level “0” causes the associated pin to be a high-impedance input.
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PORTD after changing the DDRD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com