Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 867 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 867 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 863Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 864Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 865Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 866Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 867Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 868Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 869Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 870Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 871Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
867
22.3.2.54 Port J Data Register (PTJ)
Read: Anytime.
Write: Anytime.
Port J pins 7–4 and 2–0 are associated with the CAN4, SCI2, IIC0 and IIC1, the routed CAN0 modules
and chip select signals (CS0, CS1, CS2, CS3). These pins can be used as general purpose I/O when not
used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PTJ7
PTJ6
PTJ5
PTJ4
0
PTJ2
PTJ1
PTJ0
W
CAN4/
SCI2
TXCAN4
RXCAN4
TXD2
RXD2
IICO
SCL0
SDA0
IIC1
SCL1
SDA1
Routed
CAN0
TXCAN0
RXCAN0
Alt.
Function
CS2
CS0
CS1
CS3
Reset
00000000
= Unimplemented or Reserved
Figure 22-56. Port J Data Register (PTJ)
Table 22-51. PTJ Field Descriptions
Field
Description
7–6
PJ[7:0]
The CAN4 function (TXCAN4 and RXCAN4) takes precedence over the IIC0, the routed CAN0 and the general
purpose I/O function if the CAN4 module is enabled.
The IIC0 function (SCL0 and SDA0) takes precedence over the routed CAN0 and the general purpose I/O
function if the IIC0 is enabled. If the IIC0 module takes precedence the SDA0 and SCL0 outputs are configured
as open drain outputs. Refer to IIC section for details.
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the general purpose I/O function if
the routed CAN0 module is enabled. Refer to MSCAN section for details.
5-4
PJ[5:4]
The IIC1 function (SCL1 and SDA1) takes precedence over the chip select (CS0, CS2) and general purpose I/O
function if the IIC1 is enabled. The chip selects (CS0, CS2) take precedence over the general purpose I/O. If the
IIC1 module takes precedence the SDA1 and SCL1 outputs are configured as open drain outputs. Refer to IIC
section for details.
2
PJ2
The chip select function (CS1) takes precedence over the general purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com