Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 871 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 871 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 867Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 868Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 869Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 870Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 871Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 872Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 873Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 874Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 875Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
871
22.3.2.57 Port J Reduced Drive Register (RDRJ)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each port J output pin as either full or reduced. If the port is
used as input this bit is ignored.
22.3.2.58 Port J Pull Device Enable Register (PERJ)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input or
as wired-OR output. This bit has no effect if the port is used as push-pull output. Out of reset a pull-up
device is enabled.
76543210
R
RDRJ7
RDRJ6
RDRJ5
RDRJ4
0
RDRJ2
RDRJ1
RDRJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 22-59. Port J Reduced Drive Register (RDRJ)
Table 22-53. RDRJ Field Descriptions
Field
Description
7–0
RDRJ[7:4]
RDRJ[2:0]
Reduced Drive Port J
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERJ7
PERJ6
PERJ5
PERJ4
0
PERJ2
PERJ1
PERJ0
W
Reset
11110111
= Unimplemented or Reserved
Figure 22-60. Port J Pull Device Enable Register (PERJ)
Table 22-54. PERJ Field Descriptions
Field
Description
7–0
PERJ[7:4]
PERJ[2:0]
Pull Device Enable Port J
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com