Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 880 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 880 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 876Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 877Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 878Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 879Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 880Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 881Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 882Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 883Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 884Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
880
Freescale Semiconductor
22.3.2.72 Port AD1 Pull Up Enable Register 0 (PER0AD1)
Read: Anytime.
Write: Anytime.
This register activates a pull-up device on the respective PAD[23:16] pin if the port is used as input. This
bit has no effect if the port is used as output. Out of reset no pull-up device is enabled.
22.3.2.73 Port AD1 Pull Up Enable Register 1 (PER1AD1)
Read: Anytime.
Write: Anytime.
This register activates a pull-up device on the respective PAD[15:08] pin if the port is used as input. This
bit has no effect if the port is used as output. Out of reset no pull-up device is enabled.
76543210
R
PER0AD123 PER0AD122 PER0AD121 PER0AD120 PER0AD119 PER0AD118 PER0AD117 PER0AD116
W
Reset
00000000
Figure 22-74. Port AD1 Pull Up Enable Register 0 (PER0AD1)
Table 22-65. PER0AD1 Field Descriptions
Field
Description
7–0
PER0AD1[23:16]
Pull Device Enable Port AD1 Register 0
0 Pull-up device is disabled.
1 Pull-up device is enabled.
76543210
R
PER1AD115 PER1AD114 PER1AD113 PER1AD112 PER1AD111 PER1AD110
PER1AD19
PER1AD18
W
Reset
00000000
Figure 22-75. Port AD1 Pull Up Enable Register 1 (PER1AD1)
Table 22-66. PER1AD1 Field Descriptions
Field
Description
7–0
PER1AD1[15:8]
Pull Device Enable Port AD1 Register 1
0 Pull-up device is disabled.
1 Pull-up device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com