Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 884 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 884 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 880Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 881Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 882Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 883Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 884Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 885Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 886Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 887Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 888Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
884
Freescale Semiconductor
22.4.2.3
Port C and D
Port C pins PC[7:0] and port D pins PD[7:0] can be used for either general-purpose I/O, or, in 144-pin
packages, also with the external bus interface. In this case port C and port D are associated with the
external data bus inputs/outputs DATA15–DATA8 and DATA7–DATA0, respectively.
These pins are configured for reduced input threshold in certain operating modes (refer to S12X_EBI
section).
NOTE
Port C and D are neither available in 112-pin nor in 80-pin packages.
22.4.2.4
Port E
Port E is associated with the external bus control outputs R/W, LSTRB, LDS and RE, the free-running
clock outputs ECLK and ECLK2X, as well as with the TAGHI, TAGLO, MODA and MODB and
interrupt inputs IRQ and XIRQ.
Port E pins PE[7:2] can be used for either general-purpose I/O or with the alternative functions.
Port E pin PE[7] an be used for either general-purpose I/O or as the free-running clock ECLKX2 output
running at the core clock rate. The clock output is always enabled in emulation modes.
Port E pin PE[4] an be used for either general-purpose I/O or as the free-running clock ECLK output
running at the bus clock rate or at the programmed divided clock rate. The clock output is always enabled
in emulation modes.
Port E pin PE[1] can be used for either general-purpose input or as the level- or falling edge-sensitive IRQ
interrupt input. IRQ will be enabled by setting the IRQEN configuration bit (Section 22.3.2.14, “IRQ
Control Register (IRQCR)”) and clearing the I-bit in the CPU’s condition code register. It is inhibited at
reset so this pin is initially configured as a simple input with a pull-up.
Port E pin PE[0] can be used for either general-purpose input or as the level-sensitive XIRQ interrupt
input. XIRQ can be enabled by clearing the X-bit in the CPU’s condition code register. It is inhibited at
reset so this pin is initially configured as a high-impedance input with a pull-up.
Port E pins PE[5] and PE[6] are configured for reduced input threshold in certain modes (refer to
S12X_EBI section).
22.4.2.5
Port K
Port K pins PK[7:0] can be used for either general-purpose I/O, or, in 144-pin packages, also with the
external bus interface. In this case port K pins PK[6:0] are associated with the external address bus outputs
ADDR22–ADDR16 and PK7 is associated to the EWAIT input.
Port K pin PE[7] is configured for reduced input threshold in certain modes (refer to S12X_EBI section).
NOTE
Port K is not available in 80-pin packages. PK[6] is not available in 112-pin
packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com