Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 886 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 886 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 882Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 883Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 884Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 885Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 886Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 887Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 888Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 889Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 890Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
886
Freescale Semiconductor
22.4.2.10 Port H
This port is associated with the SPI1, SPI2, SCI4, and SCI5. Port H pins PH[7:0] can be used for either
general purpose I/O, or with the SPI and SCI subsystems. Port H pins can be used with the routed SPI1
and SPI2 modules. Refer to Section 22.3.2.37, “Module Routing Register (MODRR)”.
Port H offers 8 I/O pins with edge triggered interrupt capability (Section 22.4.3, “Pin Interrupts”).
NOTE
Port H is not available in 80-pin packages.
22.4.2.11 Port J
This port is associated with the chip selects CS0, CS1, CS2 and CS3 as well as with CAN4, CAN0, IIC1,
IIC0, and SCI2. Port J pins PJ[7:4] and PJ[2:0] can be used for either general purpose I/O, or with the
CAN, IIC, or SCI subsystems. If IIC takes precedence the associated pins become IIC open-drain output
pins. The CAN4 pins can be re-routed. Refer to Section 22.3.2.37, “Module Routing Register (MODRR)”.
Port J pins can be used with the routed CAN0 modules. Refer to Section 22.3.2.37, “Module Routing
Register (MODRR)”.
Port J offers 7 I/O pins with edge triggered interrupt capability (Section 22.4.3, “Pin Interrupts”).
NOTE
PJ[5,4,2] are not available in 112-pin packages. PJ[5,4,2,1,0] are not
available in 80-pin packages.
22.4.2.12 Port AD0
This port is associated with the ATD0. Port AD0 pins PAD07–PAD00 can be used for either general
purpose I/O, or with the ATD0 subsystem.
22.4.2.13 Port AD1
This port is associated with the ATD1. Port AD1 pins PAD23–PAD08 can be used for either general
purpose I/O, or with the ATD1 subsystem.
NOTE
PAD[23:16] are not available in 112-pin packages. PAD[23:08] are not
available in 80-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com