Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 960 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 960 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 958Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 961Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 962Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 963Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 964Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
960
Freescale Semiconductor
23.0.5.69 Port AD1 Data Direction Register 1 (DDR1AD1)
Read: Anytime.
Write: Anytime.
This register configures pins PAD as either input or output.
23.0.5.70 Port AD1 Reduced Drive Register 0 (RDR0AD1)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each PAD[23:16] output pin as either full or reduced. If the
port is used as input this bit is ignored.
76543210
R
DDR1AD115 DDR1AD114 DDR1AD113 DDR1AD112 DDR1AD111 DDR1AD110
DDR1AD19
DDR1AD18
W
Reset
00000000
Figure 23-71. Port AD1 Data Direction Register 1 (DDR1AD1)
Table 23-62. DDR1AD1 Field Descriptions
Field
Description
7–0
DDR1AD1[15:8]
Data Direction Port AD1 Register 1
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is
read on PTAD11 register, when changing the DDR1AD1 register.
Note: To use the digital input function on port AD1 the ATD1 digital input enable register (ATD1DIEN1) has
to be set to logic level “1”.
76543210
R
RDR0AD123 RDR0AD122 RDR0AD121 RDR0AD120 RDR0AD119 RDR0AD118 RDR0AD117 RDR0AD116
W
Reset
00000000
Figure 23-72. Port AD1 Reduced Drive Register 0 (RDR0AD1)
Table 23-63. RDR0AD1 Field Descriptions
Field
Description
7–0
RDR0AD1[23:16]
Reduced Drive Port AD1 Register 0
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com