Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 964 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 964 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 961Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 962Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 963Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 964Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 965Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 966Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 967Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 968Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 964 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
964
Freescale Semiconductor
Figure 23-76. Illustration of I/O Pin Functionality
23.0.6.4
Reduced Drive Register
If the pin is used as an output this register allows the configuration of the drive strength.
23.0.6.5
Pull Device Enable Register
This register turns on a pull-up or pull-down device. It becomes active only if the pin is used as an input
or as a wired-OR output.
23.0.6.6
Polarity Select Register
This register selects either a pull-up or pull-down device if enabled. It becomes active only if the pin is
used as an input. A pull-up device can be activated if the pin is used as a wired-OR output. If the pin is
used as an interrupt input this register selects the active interrupt edge.
23.0.6.7
Wired-OR Mode Register
If the pin is used as an output this register turns off the active high drive. This allows wired-OR type
connections of outputs.
23.0.6.8
Interrupt Enable Register
If the pin is used as an interrupt input this register serves as a mask to the interrupt flag to enable/disable
the interrupt.
23.0.6.9
Interrupt Flag Register
If the pin is used as an interrupt input this register holds the interrupt flag after a valid pin event.
PT
DDR
output enable
module enable
1
0
1
1
0
0
PIN
PTI
data out
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com