Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1002 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1002 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 998Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1002
Freescale Semiconductor
The DDRT bits revert to controlling the I/O direction of a pin when the associated timer output compare
is disabled.
The timer input capture always monitors the state of the pin.
24.0.5.16 Port T Reduced Drive Register (RDRT)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each port T output pin as either full or reduced. If the port is
used as input this bit is ignored.
24.0.5.17 Port T Pull Device Enable Register (PERT)
Read: Anytime.
Write: Anytime.
Table 24-19. DDRT Field Descriptions
Field
Description
7–0
DDRT[7:0]
Data Direction Port T
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTT or PTIT registers, when changing the DDRT register.
76543210
R
RDRT7
RDRT6
RDRT5
RDRT4
RDRT3
RDRT2
RDRT1
RDRT0
W
Reset
00000000
Figure 24-18. Port T Reduced Drive Register (RDRT)
Table 24-20. RDRT Field Descriptions
Field
Description
7–0
RDRT[7:0]
Reduced Drive Port T
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERT7
PERT6
PERT5
PERT4
PERT3
PERT2
PERT1
PERT0
W
Reset
00000000
Figure 24-19. Port T Pull Device Enable Register (PERT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com