Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1003 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1003 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1350 page
background image
This register configures whether a pull-up or a pull-down device is activated, if the port is used as
input. This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
24.0.5.18 Port T Polarity Select Register (PPST)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin.
24.0.5.19 Port S Data Register (PTS)
Read: Anytime.
Write: Anytime.
Table 24-21. PERT Field Descriptions
Field
Description
7–0
PERT[7:0]
Pull Device Enable Port T
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
W
Reset
00000000
Figure 24-20. Port T Polarity Select Register (PPST)
Table 24-22. PPST Field Descriptions
Field
Description
7–0
PPST[7:0]
Pull Select Port T
0 A pull-up device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
1 A pull-down device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
76543210
R
PTS7
PTS6
PTS5
PTS4
PTS3
PTS2
PTS1
PTS0
W
SCI/SPI
SS0
SCK0
MOSI0
MISO0
TXD1
RXD1
TXD0
RXD0
Reset
00000000
Figure 24-21. Port S Data Register (PTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com