Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1007 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1007 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1009Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1350 page
background image
This register configures the output pins as wired-OR. If enabled the output is driven active low only
(open-drain). A logic level of “1” is not driven. It applies also to the SPI and SCI outputs and allows
a multipoint connection of several serial modules. These bits have no influence on pins used as
inputs.
24.0.5.26 Port M Data Register (PTM)
Read: Anytime.
Write: Anytime.
Port M pins 7–0 are associated with the CAN0, as well as the routed CAN0, CAN4, and SPI0
modules. When not used with any of the peripherals, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value
of the port register, otherwise the buffered pin input state is read.
Table 24-27. WOMS Field Descriptions
Field
Description
7–0
WOMS[7:0]
Wired-OR Mode Port S
0 Output buffers operate as push-pull outputs.
1 Output buffers operate as open-drain outputs.
76543210
R
PTM7
PTM6
PTM5
PTM4
PTM3
PTM2
PTM1
PTM0
W
CAN
TXCAN0
RXCAN0
Routed
CAN0
TXCAN0
RXCAN0
TXCAN0
RXCAN0
Routed
CAN4
TXCAN4
RXCAN4
TXCAN4
RXCAN4
Routed
SPI0
SCK0
MOSI0
SS0
MISO0
Reset
00000000
Figure 24-28. Port M Data Register (PTM)
Table 24-28. PTM Field Descriptions
Field
Description
7–6
PTM[7:6]
The CAN4 function (TXCAN4 and RXCAN4) takes precedence over the general purpose I/O function if the CAN4
module is enabled. Refer to MSCAN section for details.
5–4
PTM[5:4]
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the routed CAN4, the routed SPI0
and the general purpose I/O function if the routed CAN0 module is enabled.
The routed CAN4 function (TXCAN4 and RXCAN4) takes precedence over the routed SPI0 and general purpose
I/O function if the routed CAN4 module is enabled. Refer to MSCAN section for details.
The routed SPI0 function (SCK0 and MOSI0) takes precedence of the general purpose I/O function if the routed
SPI0 is enabled. Refer to SPI section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com