Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1008 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1008 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1009Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1012Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1008 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1008
Freescale Semiconductor
24.0.5.27 Port M Input Register (PTIM)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This can also be used to detect
overload or short circuit conditions on output pins.
24.0.5.28 Port M Data Direction Register (DDRM)
Read: Anytime.
Write: Anytime.
This register configures each port M pin as either input or output.
The CAN forces the I/O state to be an output for each port line associated with an enabled output
(TXCAN). It also forces the I/O state to be an input for each port line associated with an enabled input
(RXCAN). In those cases the data direction bits will not change.
3–2
PTM[3:2]
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the routed SPI0 and the general
purpose I/O function if the routed CAN0 module is enabled. Refer to MSCAN section for details.
The routed SPI0 function (SS0 and MISO0) takes precedence of the general purpose I/O function if the routed
SPI0 is enabled and not in bidirectional mode. Refer to SPI section for details.
1–0
PTM[1:0]
The CAN0 function (TXCAN0 and RXCAN0) takes precedence over the general purpose I/O function if the CAN0
module is enabled. Refer to MSCAN section for details.
76543210
R
PTIM7
PTIM6
PTIM5
PTIM4
PTIM3
PTIM2
PTIM1
PTIM0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
————————
= Unimplemented or Reserved
Figure 24-29. Port M Input Register (PTIM)
76543210
R
DDRM7
DDRM6
DDRM5
DDRM4
DDRM3
DDRM2
DDRM1
DDRM0
W
Reset
00000000
Figure 24-30. Port M Data Direction Register (DDRM)
Table 24-28. PTM Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com