Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1028 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1028 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1024Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1025Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1026Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1027Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1028Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1029Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1030Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1031Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1032Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1028
Freescale Semiconductor
24.0.5.65 Port AD1 Pull Up Enable Register 1 (PER1AD1)
Read: Anytime.
Write: Anytime.
This register activates a pull-up device on the respective PAD[7:0] pin if the port is used as input. This bit
has no effect if the port is used as output. Out of reset no pull-up device is enabled.
Functional Description
Each pin except PE0, PE1, and BKGD can act as general purpose I/O. In addition each pin can act as an
output from the external bus interface module or a peripheral module or an input to the external bus
interface module or a peripheral module.
A set of configuration registers is common to all ports with exceptions in the expanded bus interface and
ATD ports (Table 24-60). All registers can be written at any time; however a specific configuration might
not become active.
Example: Selecting a pull-up device
This device does not become active while the port is used as a push-pull output.
76543210
R
PER1AD17
PER1AD16
PER1AD15
PER1AD14
PER1AD13
PER1AD12
PER1AD11
PER1AD10
W
Reset
00000000
Figure 24-67. Port AD1 Pull Up Enable Register 1 (PER1AD1)
Table 24-59. PER1AD1 Field Descriptions
Field
Description
7–0
PER1AD1[7:0]
Pull Device Enable Port AD1 Register 1
0 Pull-up device is disabled.
1 Pull-up device is enabled.
Table 24-60. Register Availability per Port1
Port
Data
Data
Direction
Input
Reduced
Drive
Pull
Enable
Polarity
Select
Wired-OR
Mode
Interrupt
Enable
Interrupt
Flag
A
yes
yes
—
yes
yes
—
—
—
—
B
yes
yes
—
————
E
yes
yes
—
————
K
yes
yes
—
————
T
yes
yes
yes
yes
yes
—
—
—
—
S
yes
yes
yes
yes
yes
yes
yes
—
—
M
yes
yes
yes
yes
yes
yes
yes
—
—
P
yes
yes
yes
yes
yes
yes
—
yes
yes
H
yes
yes
yes
yes
yes
yes
—
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com