Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1030 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1030 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1026Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1027Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1028Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1029Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1030Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1031Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1032Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1033Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1034Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1030
Freescale Semiconductor
24.0.6.4
Reduced Drive Register
If the pin is used as an output this register allows the configuration of the drive strength.
24.0.6.5
Pull Device Enable Register
This register turns on a pull-up or pull-down device. It becomes active only if the pin is used as an input
or as a wired-OR output.
24.0.6.6
Polarity Select Register
This register selects either a pull-up or pull-down device if enabled. It becomes active only if the pin is
used as an input. A pull-up device can be activated if the pin is used as a wired-OR output. If the pin is
used as an interrupt input this register selects the active interrupt edge.
24.0.6.7
Wired-OR Mode Register
If the pin is used as an output this register turns off the active high drive. This allows wired-OR type
connections of outputs.
24.0.6.8
Interrupt Enable Register
If the pin is used as an interrupt input this register serves as a mask to the interrupt flag to enable/disable
the interrupt.
24.0.6.9
Interrupt Flag Register
If the pin is used as an interrupt input this register holds the interrupt flag after a valid pin event.
24.0.6.10 Module Routing Register
This register supports the re-routing of the CAN0, CAN4, SPI0, SPI1, and SPI2 pins to alternative ports.
This allows a software re-configuration of the pinouts of the different package options with respect to
above peripherals.
NOTE
The purpose of the module routing register is to provide maximum
flexibility for derivatives with a lower number of MSCAN and SPI modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com