Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1044 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1044 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1040Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1041Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1042Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1043Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1044Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1045Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1046Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1044
Freescale Semiconductor
25.3.2.1
EEPROM Clock Divider Register (ECLKDIV)
The ECLKDIV register is used to control timed events in program and erase algorithms.
All bits in the ECLKDIV register are readable, bits 6–0 are write once and bit 7 is not writable.
25.3.2.2
RESERVED1
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
25.3.2.3
RESERVED2
This register is reserved for factory testing and is not accessible.
76543210
R
EDIVLD
PRDIV8
EDIV5
EDIV4
EDIV3
EDIV2
EDIV1
EDIV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 25-4. EEPROM Clock Divider Register (ECLKDIV)
Table 25-2. ECLKDIV Field Descriptions
Field
Description
7
EDIVLD
Clock Divider Loaded
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescalar by 8
0 The oscillator clock is directly fed into the ECLKDIV divider.
1 Enables a Prescalar by 8, to divide the oscillator clock before feeding into the clock divider.
5:0
EDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and EDIV[5:0] effectively divides the EEPROM module input
oscillator clock down to a frequency of 150 kHz – 200 kHz. The maximum divide ratio is 512. Please refer to
Section 25.4.1.1, “Writing the ECLKDIV Register” for more information.
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 25-5. RESERVED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com