Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1047 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1047 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1043Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1044Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1045Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1046Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1049Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1051Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1047 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1047
25.3.2.6
EEPROM Status Register (ESTAT)
The ESTAT register defines the operational status of the module.
CBEIF, PVIOL, and ACCERR are readable and writable, CCIF and BLANK are readable and not writable,
remaining bits read 0 and are not writable in normal mode. FAIL is readable and writable in special mode.
Table 25-5. EEPROM Protection Address Range
EPS[2:0]
Address Offset Range
Protected Size
000
0x0FC0 – 0x0FFF
64 bytes
001
0x0F80 – 0x0FFF
128 bytes
010
0x0F40 – 0x0FFF
192 bytes
011
0x0F00 – 0x0FFF
256 bytes
100
0x0EC0 – 0x0FFF
320 bytes
101
0x0E80 – 0x0FFF
384 bytes
110
0x0E40 – 0x0FFF
448 bytes
111
0x0E00 – 0x0FFF
512 bytes
76543210
R
CBEIF
CCIF
PVIOL
ACCERR
0
BLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 25-9. EEPROM Status Register (ESTAT — Normal Mode)
76543210
R
CBEIF
CCIF
PVIOL
ACCERR
0
BLANK
FAIL
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 25-10. EEPROM Status Register (ESTAT — Special Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com