Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1049 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1049 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1045Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1046Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1049Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1051Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1052Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1053Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1049
25.3.2.7
EEPROM Command Register (ECMD)
The ECMD register is the EEPROM command register.
All CMDB bits are readable and writable during a command write sequence while bit 7 reads 0 and is not
writable.
25.3.2.8
RESERVED3
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
EEPROM Address Registers (EADDR)
76543210
R0
CMDB
W
Reset
00000000
= Unimplemented or Reserved
Figure 25-11. EEPROM Command Register (ECMD)
Table 25-7. ECMD Field Descriptions
Field
Description
6:0
CMDB[6:0]
EEPROM Command Bits — Valid EEPROM commands are shown in Table 25-8. Writing any command other
than those listed in Table 25-8 sets the ACCERR flag in the ESTAT register.
Table 25-8. Valid EEPROM Command List
CMDB[6:0]
Command
0x05
Erase Verify
0x20
Word Program
0x40
Sector Erase
0x41
Mass Erase
0x47
Sector Erase Abort
0x60
Sector Modify
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 25-12. RESERVED3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com