Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1051 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1051 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1047Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1048Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1049Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1051Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1052Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1053Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1054Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1055Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1051
All EDHI and EDLO bits are readable and writable in special modes.
25.4
Functional Description
25.4.1
EEPROM Command Operations
Write operations are used to execute program, erase, erase verify, sector erase abort, and sector modify
algorithms described in this section. The program, erase, and sector modify algorithms are controlled by
a state machine whose timebase, EECLK, is derived from the oscillator clock via a programmable divider.
The command register as well as the associated address and data registers operate as a buffer and a register
(2-stage FIFO) so that a second command along with the necessary data and address can be stored to the
buffer while the first command is still in progress. Buffer empty as well as command completion are
signalled by flags in the EEPROM status register with interrupts generated, if enabled.
The next sections describe:
1. How to write the ECLKDIV register
2. Command write sequences to program, erase, erase verify, sector erase abort, and sector modify
operations on the EEPROM memory
3. Valid EEPROM commands
4. Effects resulting from illegal EEPROM command write sequences or aborting EEPROM
operations
25.4.1.1
Writing the ECLKDIV Register
Prior to issuing any EEPROM command after a reset, the user is required to write the ECLKDIV register
to divide the oscillator clock down to within the 150 kHz to 200 kHz range. Since the program and erase
timings are also a function of the bus clock, the ECLKDIV determination must take this information into
account.
If we define:
•
ECLK as the clock of the EEPROM timing control block
•
Tbus as the period of the bus clock
•
INT(x) as taking the integer part of x (e.g., INT(4.323)=4)
then ECLKDIV register bits PRDIV8 and EDIV[5:0] are to be set as described in Figure 25-17.
For example, if the oscillator clock frequency is 950 kHz and the bus clock frequency is 10 MHz,
ECLKDIV bits EDIV[5:0] should be set to 0x04 (000100) and bit PRDIV8 set to 0. The resulting EECLK
frequency is then 190 kHz. As a result, the EEPROM program and erase algorithm timings are increased
over the optimum target by:
If the oscillator clock frequency is 16 MHz and the bus clock frequency is 40 MHz, ECLKDIV bits
EDIV[5:0] should be set to 0x0A (001010) and bit PRDIV8 set to 1. The resulting EECLK frequency is
200 190
–
() 200
⁄
100
×
5%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com