Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1084 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1084 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1080Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1082Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1084Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1085Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1087Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1088Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1084
Freescale Semiconductor
26.3.2.7
EEPROM Command Register (ECMD)
The ECMD register is the EEPROM command register.
All CMDB bits are readable and writable during a command write sequence while bit 7 reads 0 and is not
writable.
26.3.2.8
RESERVED3
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
EEPROM Address Registers (EADDR)
76543210
R0
CMDB
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-11. EEPROM Command Register (ECMD)
Table 26-8. ECMD Field Descriptions
Field
Description
6–0
CMDB[6:0]
EEPROM Command Bits — Valid EEPROM commands are shown in Table 26-9. Writing any command other
than those listed in Table 26-9 sets the ACCERR flag in the ESTAT register.
Table 26-9. Valid EEPROM Command List
CMDB[6:0]
Command
0x05
Erase Verify
0x20
Word Program
0x40
Sector Erase
0x41
Mass Erase
0x47
Sector Erase Abort
0x60
Sector Modify
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-12. RESERVED3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com