Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1085 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1085 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1082Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1084Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1085Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1087Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1088Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1089Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1085 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1085
The EADDRHI and EADDRLO registers are the EEPROM address registers.
All EABHI and EABLO bits read 0 and are not writable in normal modes.
All EABHI and EABLO bits are readable and writable in special modes.
The MCU address bit AB0 is not stored in the EADDR registers since the EEPROM block is not byte
addressable.
26.3.2.9
EEPROM Data Registers (EDATA)
The EDATAHI and EDATALO registers are the EEPROM data registers.
All EDHI and EDLO bits read 0 and are not writable in normal modes.
76543210
R
00000
EABHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-13. EEPROM Address High Register (EADDRHI)
76543210
R
EABLO
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-14. EEPROM Address Low Register (EADDRLO)
76543210
R
EDHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-15. EEPROM Data High Register (EDATAHI)
76543210
R
EDLO
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-16. EEPROM Data Low Register (EDATALO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com