Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1114 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1114 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1110Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1111Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1112Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1113Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1114Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1115Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1116Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1117Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1114 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1114
Freescale Semiconductor
27.3.2.1
Flash Clock Divider Register (FCLKDIV)
The FCLKDIV register is used to control timed events in program and erase algorithms.
All bits in the FCLKDIV register are readable, bits 6-0 are write once and bit 7 is not writable.
27.3.2.2
Flash Security Register (FSEC)
The FSEC register holds all bits associated with the security of the MCU and Flash module.
RESERVED2
R
0
0000000
W
RESERVED3
R
0
0000000
W
RESERVED4
R
0
0000000
W
76543210
R
FDIVLD
PRDIV8
FDIV5
FDIV4
FDIV3
FDIV2
FDIV1
FDIV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 27-4. Flash Clock Divider Register (FCLKDIV)
Table 27-3. FCLKDIV Field Descriptions
Field
Description
7
FDIVLD
Clock Divider Loaded.
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescalar by 8
.
0 The oscillator clock is directly fed into the clock divider
.
1 The oscillator clock is divided by 8 before feeding into the clock divider.
5-0
FDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and FDIV[5:0] must divide the oscillator clock down to a
frequency of 150 kHz–200 kHz. The maximum divide ratio is 512. Please refer to Section 27.4.1.1, “Writing the
FCLKDIV Register” for more information.
Register
Name
Bit 7
654321
Bit 0
Figure 27-3. FTX512K4 Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com