Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1118 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1118 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1114Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1115Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1116Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1117Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1118Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1119Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1120Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1121Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1118
Freescale Semiconductor
27.3.2.5
Flash Protection Register (FPROT)
The FPROT register defines which Flash sectors are protected against program or erase operations.
All bits in the FPROT register are readable and writable with restrictions (see Section 27.3.2.5.1, “Flash
Protection Restrictions”) except for RNV[6] which is only readable.
During the reset sequence, the FPROT register is loaded from the Flash Configuration Field at global
address 0x7F_FF0D. To change the Flash protection that will be loaded during the reset sequence, the
upper sector of the Flash memory must be unprotected, then the Flash Protect/Security byte located as
described in Table 27-1 must be reprogrammed.
Trying to alter data in any protected area in the Flash memory will result in a protection violation error and
the PVIOL flag will be set in the FSTAT register. The mass erase of a Flash block is not possible if any of
the Flash sectors contained in the Flash block are protected.
10
Flash Block 2
11
Flash Block 3
76543210
R
FPOPEN
RNV6
FPHDIS
FPHS
FPLDIS
FPLS
W
Reset
F
F
F
FFFFF
= Unimplemented or Reserved
Figure 27-10. Flash Protection Register (FPROT)
Table 27-11. FPROT Field Descriptions
Field
Description
7
FPOPEN
Flash Protection Open — The FPOPEN bit determines the protection function for program or erase as shown
in Table 27-12.
0 The FPHDIS and FPLDIS bits define unprotected address ranges as specified by the corresponding
FPHS[1:0] and FPLS[1:0] bits. For an MCU without an EEPROM module, the FPOPEN clear state allows the
main part of the Flash block to be protected while a small address range can remain unprotected for EEPROM
emulation.
1 The FPHDIS and FPLDIS bits enable protection for the address range specified by the corresponding
FPHS[1:0] and FPLS[1:0] bits.
6
RNV6
Reserved Nonvolatile Bit — The RNV[6] bit should remain in the erased state for future enhancements.
5
FPHDIS
Flash Protection Higher Address Range Disable — The FPHDIS bit determines whether there is a
protected/unprotected area in a specific region of the Flash memory ending with global address 0x7F_FFFF.
0 Protection/Unprotection enabled.
1 Protection/Unprotection disabled.
4–3
FPHS[1:0]
Flash Protection Higher Address Size — The FPHS[1:0] bits determine the size of the protected/unprotected
area as shown inTable 27-13. The FPHS[1:0] bits can only be written to while the FPHDIS bit is set.
Table 27-10. Flash Register Bank Selects
BKSEL[1:0]
Selected Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com