Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1240 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1240 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1240 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1240
Freescale Semiconductor
NOTE
In the following context VDD35 is used for either VDDA,VDDR, and VDDX;
VSS35 is used for either VSSA, VSSR and VSSX unless otherwise noted.
IDD35 denotes the sum of the currents flowing into the VDDA, VDDX and
VDDR pins.
VDD is used for VDD1,VDD2 and VDDPLL,VSS is used for VSS1,VSS2 and
VSSPLL.
IDD is used for the sum of the currents flowing into VDD1 and VDD2.
A.1.3
Pins
There are four groups of functional pins.
A.1.3.1
I/O Pins
Those I/O pins have a nominal level in the range of 3.15 V to 5.5 V. This class of pins is comprised of all
port I/O pins, the analog inputs, BKGD and the RESET pins.The internal structure of all those pins is
identical; however, some of the functionality may be disabled. For example, for the analog inputs the
output drivers, pull-up and pull-down resistors are disabled permanently.
A.1.3.2
Analog Reference
This group is made up by the VRH and VRL pins.
A.1.3.3
Oscillator
The pins XFC, EXTAL, XTAL dedicated to the oscillator have a nominal 2.5 V level. They are supplied
by VDDPLL.
A.1.3.4
TEST
This pin is used for production testing only.
A.1.3.5
VREGEN
This pin is used to enable the on-chip voltage regulator.
A.1.4
Current Injection
Power supply must maintain regulation within operating VDD35 or VDD range during instantaneous and
operating maximum current conditions. If positive injection current (Vin > VDD35) is greater than IDD35,
the injection current may flow out of VDD35 and could result in external power supply going out of
regulation. Ensure external VDD35 load will shunt current greater than maximum injection current. This
will be the greatest risk when the MCU is not consuming power; e.g., if no system clock is present, or if
clock rate is very low which would reduce overall power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com