Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1241 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1241 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1240Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1241Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1241 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1241
A.1.5
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. A functional operation under or outside those maxima
is not guaranteed. Stress beyond those limits may affect the reliability or cause permanent damage of the
device.
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (e.g., either VSS35 or VDD35).
A.1.6
ESD Protection and Latch-up Immunity
All ESD testing is in conformity with CDF-AEC-Q100 stress test qualification for automotive grade
integrated circuits. During the device qualification ESD stresses were performed for the Human Body
Model (HBM) and the Charge Device Model.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
Table A-1. Absolute Maximum Ratings1
1 Beyond absolute maximum ratings device might be damaged.
Num
Rating
Symbol
Min
Max
Unit
1
I/O, regulator and analog supply voltage
VDD35
–0.3
6.0
V
2
Digital logic supply voltage2
2 The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The absolute
maximum ratings apply when the device is powered from an external source.
VDD
–0.3
3.0
V
3
PLL supply voltage2
VDDPLL
–0.3
3.0
V
4
Voltage difference VDDX to VDDR and VDDA
∆VDDX
–0.3
0.3
V
5
Voltage difference VSSX to VSSR and VSSA
∆VSSX
–0.3
0.3
V
6
Digital I/O input voltage
VIN
–0.3
6.0
V
7
Analog reference
VRH, VRL
–0.3
6.0
V
8
XFC, EXTAL, XTAL inputs
VILV
–0.3
3.0
V
9
TEST input
VTEST
–0.3
10.0
V
10
Instantaneous maximum current
Single pin limit for all digital I/O pins3
3 All digital I/O pins are internally clamped to V
SSX and VDDX, VSSR and VDDR or VSSA and VDDA.
I
D
–25
+25
mA
11
Instantaneous maximum current
Single pin limit for XFC, EXTAL, XTAL4
4 Those pins are internally clamped to V
SSPLL and VDDPLL.
I
DL
–25
+25
mA
12
Instantaneous maximum current
Single pin limit for TEST 5
5 This pin is clamped low to V
SSPLL, but not clamped high. This pin must be tied low in applications.
I
DT
–0.25
0
mA
13
Storage temperature range
Tstg
–65
155
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com