Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F84A-20I/PROM Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F84A-20I/PROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20I/PROM Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F84A-20I/PROM Datasheet HTML 75Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 76Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 77Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 78Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 79Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 80Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 81Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 82Page - Microchip Technology PIC16F84A-20I/PROM Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 77
PIC16F84A
EEADR<7:6> and IDD
It is recommended that
the EEADR<7:6> bits be
cleared. When either of
these bits is set, the maxi-
mum IDD for the device is
higher than when both are
cleared.
N/A
N/A
N/A
The polarity of the
PWRTE bit
PWRTE
PWRTE
PWRTE
PWRTE
Recommended value of
REXT for RC oscillator
circuits
REXT = 3k
Ω - 100kΩ
REXT = 5k
Ω - 100kΩ
REXT = 5k
Ω - 100kΩ
REXT = 3k
Ω - 100kΩ
GIE bit unintentional
enable
If an interrupt occurs while
the Global Interrupt
Enable (GIE) bit is being
cleared, the GIE bit may
unintentionally be re-
enabled by the user’s
Interrupt Service Routine
(the RETFIE instruction).
N/A
N/A
N/A
Packages
PDIP, SOIC
PDIP, SOIC
PDIP, SOIC
PDIP, SOIC, SSOP
Open Drain High
Voltage (VOD)
14V
12V
12V
8.5V
TABLE 1:
CONVERSION CONSIDERATIONS - PIC16C84, PIC16F83/F84, PIC16CR83/CR84,
PIC16F84A (CONTINUED)
Difference
PIC16C84
PIC16F83/F84
PIC16CR83/
CR84
PIC16F84A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com