Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F84A-04/PROM Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F84A-04/PROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/PROM Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F84A-04/PROM Datasheet HTML 51Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 52Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 53Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 54Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 55Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 56Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 57Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 58Page - Microchip Technology PIC16F84A-04/PROM Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 53
PIC16F84A
9.2
DC Characteristics:
PIC16F84A-04 (Commercial, Industrial)
PIC16F84A-20 (Commercial, Industrial)
PIC16LF84A-04 (Commercial, Industrial)
DC Characteristics
All Pins Except Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C
≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC specifications
(Section 9.1)
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
—0.8
V
4.5V
≤ VDD ≤ 5.5V (Note 4)
D030A
VSS
—0.16VDD
V
Entire range (Note 4)
D031
with Schmitt Trigger buffer
VSS
—0.2VDD
V
Entire range
D032
MCLR, RA4/T0CKI
VSS
—0.2VDD
V
D033
OSC1 (XT, HS and LP modes)
VSS
—0.3VDD
V
(Note 1)
D034
OSC1 (RC mode)
VSS
—0.1VDD
V
VIH
Input High Voltage
I/O ports:
—
D040
D040A
with TTL buffer
2.0
0.25VDD+0.8
—
—
VDD
VDD
V
V
4.5V
≤ VDD ≤ 5.5V (Note 4)
Entire range (Note 4)
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
Entire range
D042
MCLR,
0.8 VDD
—VDD
V
D042A
RA4/T0CKI
0.8 VDD
—8.5
V
D043
OSC1 (XT, HS and LP modes)
0.8 VDD
—VDD
V
(Note 1)
D043A
OSC1 (RC mode)
0.9 VDD
VDD
V
D050
VHYS
Hysteresis of Schmitt Trigger
Inputs
—0.1
—
V
D070
IPURB
PORTB Weak Pull-up Current
50
250
400
µAVDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current
(Notes 2, 3)
D060
I/O ports
—
—
±1
µAVss ≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI
—
—
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
—
—
±5
µAVss ≤ VPIN ≤ VDD, XT, HS
and LP osc configuration
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. Do not drive the PIC16F84A with an
external clock while the device is in RC mode, or chip damage may result.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as coming out of the pin.
4: The user may choose the better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com