Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 581 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 581 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 577Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 578Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 579Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 580Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 581Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 582Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 583Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 584Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 585Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
581
Table 15-6. Firmware Commands
Command1
1 If enabled, ACK will occur when data is ready for transmission for all BDM READ commands and will occur after the write is
complete for all BDM WRITE commands.
Opcode
(hex)
Data
Description
READ_NEXT2
2
When the firmware command READ_NEXT or WRITE_NEXT is used to access the BDM address space the BDM resources
are accessed rather than user code. Writing BDM firmware is not possible.
62
16-bit data out Increment X index register by 2 (X = X + 2), then read word X points to.
READ_PC
63
16-bit data out Read program counter.
READ_D
64
16-bit data out Read D accumulator.
READ_X
65
16-bit data out Read X index register.
READ_Y
66
16-bit data out Read Y index register.
READ_SP
67
16-bit data out Read stack pointer.
WRITE_NEXT<f-hel
vetica><st-superscri
pt>
42
16-bit data in
Increment X index register by 2 (X = X + 2), then write word to location
pointed to by X.
WRITE_PC
43
16-bit data in
Write program counter.
WRITE_D
44
16-bit data in
Write D accumulator.
WRITE_X
45
16-bit data in
Write X index register.
WRITE_Y
46
16-bit data in
Write Y index register.
WRITE_SP
47
16-bit data in
Write stack pointer.
GO
08
none
Go to user program. If enabled, ACK will occur when leaving active
background mode.
GO_UNTIL3
3 System stop disables the ACK function and ignored commands will not have an ACK-pulse (e.g., CPU in stop or wait mode).
The GO_UNTIL command will not get an Acknowledge if CPU executes the wait or stop instruction before the “UNTIL”
condition (BDM active again) is reached (see Section 15.4.7, “Serial Interface Hardware Handshake Protocol” last Note).
0C
none
Go to user program. If enabled, ACK will occur upon returning to active
background mode.
TRACE1
10
none
Execute one user instruction then return to active BDM. If enabled,
ACK will occur upon returning to active background mode.
TAGGO -> GO
18
none
(Previous enable tagging and go to user program.)
This command will be deprecated and should not be used anymore.
Opcode will be executed as a GO command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com